PART |
Description |
Maker |
SLE66R35 |
Secure Mobile Solutions
|
INFINEON[Infineon Technologies AG]
|
AT91SC25672RC |
Low-power, high-performance, 32-bit RISC secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. 32-bit Secure Microcontroller for Smart Cards A
|
ATMEL[ATMEL Corporation]
|
SPDA241800 SPDA241900 SPDA24850_1900 SPDA24918 SPD |
ANTENNAS Solutions for Mobile Phone Antennas
|
http:// Pulse Engineering, Inc. PULSE[Pulse A Technitrol Company] Pulse A Technitrol Comp...
|
HYB18L128160BC-7.5 HYB18L128160BF-7.5 HYB18L128160 |
DRAMs for Mobile Applications Very low Power SDRAM optimized for battery-powered, handheld applications ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
Infineon Technologies A... Infineon Technologies AG
|
AT88SC153-09HT-00 AT88SC153-09GT-00 AT88SC153-10WI |
3 x 64 x 8 Secure Memory with Authentication 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 3 x 64 x 8 Secure Memory with Authentication 2K X 1 I2C/2-WIRE SERIAL EEPROM, XMA8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
HYB18L128160BC-7.5 HYE18L128160BC-7.5 HYB18L128160 |
DRAMs for Mobile Applications 128-Mbit Mobile-RAM
|
Qimonda AG
|
STN8810BDS12HPBE STN8810S12 |
STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
|
STMicroelectronics
|
HT150RS HT450RB MD821RC MX800RC SFU821RC MX150RS |
450 MHz - 470 MHz MOBILE STATION ANTENNA 821 MHz - 896 MHz MOBILE STATION ANTENNA 806 MHz - 866 MHz MOBILE STATION ANTENNA 150 MHz - 162 MHz MOBILE STATION ANTENNA
|
|
9UMS9633 ICS9UMS9633B 9UMS9633BKLFT |
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
|
Integrated Device Technology
|
LPCSP1 |
Mobile Mobile Phones Portable Radio Portable Satellite PDA
|
ITT Industries
|
LPCTP-1 |
Mobile Mobile Phones Portable Radio Portable Satellite PDA
|
ITT Industries
|
155MBIT/SSFFTRX |
Components and FTTx solutions - 1550 nm Tx / 1310 nm Rx, ext. Temp. Range; pigtail Components and FTTx solutions - 1550 nm Tx / 1310 nm Rx; pigtail
|
Infineon
|